Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 185 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 185 Page - SPANSION

Back Button S71GS256 Datasheet HTML 181Page - SPANSION S71GS256 Datasheet HTML 182Page - SPANSION S71GS256 Datasheet HTML 183Page - SPANSION S71GS256 Datasheet HTML 184Page - SPANSION S71GS256 Datasheet HTML 185Page - SPANSION S71GS256 Datasheet HTML 186Page - SPANSION S71GS256 Datasheet HTML 187Page - SPANSION S71GS256 Datasheet HTML 188Page - SPANSION S71GS256 Datasheet HTML 189Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
185
Ad vance
Info rmat i o n
Notes:
1. High-Z to Low-Z timings are tested with the circuit shown in Figure 71 on page 184. The Low-Z timings measure a
100mV transition away from the High-Z (VCCQ/2) level toward either VOH or VOL.
2. Low-Z to High-Z timings are tested with the circuit shown in Figure 71 on page 184. The High-Z timings measure
a 100mV transition from either VOH or VOL toward VCCQ/2.
Table 75. READ Cycle Timing Requirements
Parameter
Symbol
Min
Max
Units
Notes
Address Access Time
tAA
70
ns
Page Access Time
tAPA
20
ns
LB#/UB# Access Time
tBA
70
ns
LB#/UB# Disable to High-Z Output
tBHZ
08
ns
2
LB#/UB# Enable to Low-Z Output
tBLZ
10
ns
1
Chip Select Access Time
tCO
70
ns
Chip Disable to High-Z Output
tHZ
08
ns
2
Chip Enable to Low-Z Output
tLZ
10
ns
1
Output Enable to Valid Output
tOE
20
ns
Output Hold from Address Change
tOH
5ns
Output Disable to High-Z Output
tOHZ
08
ns
2
Output Enable to Low-Z Output
tOLZ
5ns
1
Page Cycle Time
tPC
20
ns
READ Cycle Time
tRC
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com