Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 189 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 189 Page - SPANSION

Back Button S71GS256 Datasheet HTML 185Page - SPANSION S71GS256 Datasheet HTML 186Page - SPANSION S71GS256 Datasheet HTML 187Page - SPANSION S71GS256 Datasheet HTML 188Page - SPANSION S71GS256 Datasheet HTML 189Page - SPANSION S71GS256 Datasheet HTML 190Page - SPANSION S71GS256 Datasheet HTML 191Page - SPANSION S71GS256 Datasheet HTML 192Page - SPANSION S71GS256 Datasheet HTML 193Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
189
Ad vance
Info rmat i o n
Figure 76. Page Mode Read Operation (WE# = VIH)
Table 82. READ Timing Parameters
Symbol
Min
Max
Units
Symbol
Min
Max
Units
tAA
70
ns
tLZ
10
ns
tBA
70
tOE
20
tBHZ
08
tOHZ
08
tBLZ
10
tOLZ
5
tCO
70
tRC
70
tHZ
08
Table 83. Page Mode READ Timing Parameters
Symbol
Min
Max
Units
Symbol
Min
Max
Units
tAA
70
ns
tLZ
10
ns
tAPA
20
tOE
20
tBA
70
tOH
5
tBHZ
08
tOHZ
08
tBLZ
10
tOLZ
5
tCO
70
tPC
20
tHZ
08
tRC
70
ADDRESS
A[21:4]
OE#
tAA
DATA-OUT
CE#
LB#/UB#
tOLZ
tLZ
DON’T CARE
UNDEFINED
High-Z
Data
Valid
tOHZ
tBA
tBHZ
tHZ
tBLZ
tCO
ADDRESS
A[3:0]
Data
Valid
Data
Valid
Data
Valid
tRC
tOH
High-Z
tPC
ADDRESS VALID
tAPA
tOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com