Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 178 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 178 Page - SPANSION

Back Button S71GS256 Datasheet HTML 174Page - SPANSION S71GS256 Datasheet HTML 175Page - SPANSION S71GS256 Datasheet HTML 176Page - SPANSION S71GS256 Datasheet HTML 177Page - SPANSION S71GS256 Datasheet HTML 178Page - SPANSION S71GS256 Datasheet HTML 179Page - SPANSION S71GS256 Datasheet HTML 180Page - SPANSION S71GS256 Datasheet HTML 181Page - SPANSION S71GS256 Datasheet HTML 182Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 195 page
background image
178
CellularRAM-2A
cellRAM_02_A0 December 15, 2004
Advan ce
In form ati o n
Page mode takes advantage of the fact that adjacent addresses can be read in a
shorter period of time than random addresses. WRITE operations do not include
comparable page mode functionality.
LB# / UB# Operation
The lower byte (LB#) enable and upper byte (UB#) enable signals allow for byte-
wide data transfers. During READ operations, enabled bytes are driven onto the
DQs. The DQs associated with a disabled byte are put into a High-Z state during
a READ operation. During WRITE operations, any disabled bytes will not be trans-
ferred to the memory array and the internal value will remain unchanged. During
a WRITE cycle, the data to be written is latched on the rising edge of CE#, WE#,
LB#, or UB#, whichever occurs first.
When both the LB# and UB# are disabled (HIGH) during an operation, the device
will disable the data bus from receiving or transmitting data. Although the device
will seem to be deselected, the device remains in an active mode as long as CE#
remains LOW.
Low Power Operation
Standby Mode Operation
During standby, the device current consumption is reduced to the level necessary
to perform the DRAM refresh operation on the full array. Standby operation oc-
curs when CE# and ZZ# are HIGH and there are no transactions in progress.
The device will enter standby operation during READ and WRITE operations
where the address and control inputs remain static for an extended period of
time. This “active” standby mode will continue until a change occurs to the ad-
dress or control inputs.
Temperature Compensated Refresh
Temperature compensated refresh (TCR) is used to adjust the refresh rate de-
pending on the device operating temperature. DRAM technology requires more
Figure 68. Page Mode READ Operation
CE#
OE#
WE#
ADDRESS
DATA
LB#/UB#
Don't Care
ADD[1]
ADD[2]
ADD[3]
tAA
D[0]
tAPA
D[1]
tAPA
D[2]
tAPA
D[3]
ADD[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com