Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 175 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 175 Page - SPANSION

Back Button S71GS256 Datasheet HTML 171Page - SPANSION S71GS256 Datasheet HTML 172Page - SPANSION S71GS256 Datasheet HTML 173Page - SPANSION S71GS256 Datasheet HTML 174Page - SPANSION S71GS256 Datasheet HTML 175Page - SPANSION S71GS256 Datasheet HTML 176Page - SPANSION S71GS256 Datasheet HTML 177Page - SPANSION S71GS256 Datasheet HTML 178Page - SPANSION S71GS256 Datasheet HTML 179Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
175
Ad vance
Info rmat i o n
Notes:
1. When LB# and UB# are in select mode (LOW), DQ[15:0] are affected. When LB# only is in select mode, only
DQ[7:0] are affected. When UB# only is in the select mode, DQ[15:8] are affected.
2. When the device is in standby mode, control inputs (WE#, OE#), address inputs, and data inputs/outputs are
internally isolated from any external influence.
3. When WE# is invoked, the OE# input is internally disabled and has no effect on the I/Os.
4. The device consumes active power in this mode whenever addresses are changed.
5. VIN = VCC or 0V; all device balls must be static (unswitched) in order to achieve minimum standby current.
6. DPD is enabled when configuration register bit CR[4] is “0”; otherwise, PAR is enabled.
VSSQ
Supply
VSSQ must be connected to ground.
Table 66. Bus Operations—Asynchronous Mode
Mode
Power
CE#
WE#
OE#
LB#/UB#
ZZ#
DQ[15:0]
(Note 1)Notes
Standby
Standby
H
X
X
X
H
High-Z
2, 5
Read
Active > Standby
L
H
L
L
H
Data-Out
1, 4
Write
Active > Standby
L
L
X
L
H
Data-In
1, 3, 4
Active
Standby
L
H
H
L
H
High-Z
4, 5
PAR
Partial Array Refresh
H
X
X
X
L
High-Z
6
DPD
Deep Power-down
H
X
X
X
L
High-Z
6
Load Configuration
Register
Active
L
L
X
X
L
High-Z
Table 65. Pin Descriptions (Continued)
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com