Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 173 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 173 Page - SPANSION

Back Button S71GS256 Datasheet HTML 169Page - SPANSION S71GS256 Datasheet HTML 170Page - SPANSION S71GS256 Datasheet HTML 171Page - SPANSION S71GS256 Datasheet HTML 172Page - SPANSION S71GS256 Datasheet HTML 173Page - SPANSION S71GS256 Datasheet HTML 174Page - SPANSION S71GS256 Datasheet HTML 175Page - SPANSION S71GS256 Datasheet HTML 176Page - SPANSION S71GS256 Datasheet HTML 177Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 195 page
background image
December 15, 2004 cellRAM_02_A0
CellularRAM-2A
173
Ad vance
Info rmat i o n
CellularRAM-2A
64 Megabit
Asynchronous CellularRAM
Features
Asynchronous and Page Mode interface
Random Access Time: 70 ns
Page Mode Read Access
— Sixteen-word page size
— Interpage read access: 70 ns
— Intrapage read access: 20 ns
VCC, VCCQ Voltages
— 1.70 V to 1.95 V VCC
— 1.70 V to 2.25 V VCCQ
Low Power Consumption
— Asynchronous READ < 25 mA
— Intrapage READ < 15 mA
— Standby: 100 µA
— Deep power-down < 10 µA
Low-Power Features
— Temperature Compensated Refresh (TCR)
— Partial Array Refresh (PAR)
— Deep Power-Down (DPD) Mode
General Description
CellularRAM™ products are high-speed, CMOS dynamic random access memories
that have been developed for low-power portable applications. The 64Mb device
is organized as 4 Meg x 16 bits. These devices include the industry-standard,
asynchronous memory interface found on other low-power SRAM or Pseudo
SRAM offerings.
A user-accessible configuration register (CR) has been included to define device
operation. The CR defines how the CellularRAM device performs on-chip refresh
and whether page mode read accesses are permitted. This register is automati-
cally loaded with a default setting during power-up and can be updated at any
time during normal operation.
To operate smoothly on an asynchronous memory bus, CellularRAM products
have incorporated a transparent self refresh mechanism. The hidden refresh re-
quires no additional support from the system memory controller and has no
significant impact on device read/write performance.
Special attention has been focused on current consumption during self refresh.
CellularRAM products include three system-accessible mechanisms used to min-
imize refresh current. Temperature compensated refresh (TCR) is used to adjust
the refresh rate according to the case temperature. The refresh rate can be de-
creased at lower temperatures to minimize current consumption during standby.
Setting the sleep enable pin ZZ# to LOW enables one of two low-power modes:
partial array refresh (PAR); or deep power-down (DPD). PAR limits refresh to only
that part of the DRAM array that contains essential data. DPD halts refresh oper-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com