Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 169 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 169 Page - SPANSION

Back Button S71GS256 Datasheet HTML 165Page - SPANSION S71GS256 Datasheet HTML 166Page - SPANSION S71GS256 Datasheet HTML 167Page - SPANSION S71GS256 Datasheet HTML 168Page - SPANSION S71GS256 Datasheet HTML 169Page - SPANSION S71GS256 Datasheet HTML 170Page - SPANSION S71GS256 Datasheet HTML 171Page - SPANSION S71GS256 Datasheet HTML 172Page - SPANSION S71GS256 Datasheet HTML 173Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
169
Ad vance
Info rmat i o n
Note: CE# can stay LOW when transitioning between asynchronous operations. If CE# goes HIGH, it must remain HIGH
for at least 5ns (tCBPH) to schedule the appropriate internal refresh operation. See “How Extended Timings Impact Cel-
lularRAM™ Operation” for restrictions on the maximum CE# LOW time (tCEM).
Figure 60. Asynchronous WRITE Followed by Asynchronous READ
Table 62. WRITE Timing Parameters—Asynchronous WRITE Followed by Asynchronous READ
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tAS
00
ns
tAVH
55
ns
tAVS
10
10
ns
tAW
70
85
ns
tBW
70
85
ns
tCVS
10
10
ns
tCW
70
85
ns
tDH
00
ns
tDW
23
23
ns
tOHZ
High-Z
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tCEM
VIH
VIL
OE#
WE#
tBLZ
tOLZ
Valid
Address
(Note)
tWP tWPH
Valid
Output
VOH
VOL
tOE
Don't Care
Undefined
Legend:
Valid
Address
Valid
Address
tBW
tCW
tAW
tWR
tCBPH
tWC
DATA
tWHZ
DATA
tAS
tDH
tDW
tBHZ
tAA
tHZ
tLZ
tAVS
tAVH
tVPH tVP
tVS
tCVS
tAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com