Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 170 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 170 Page - SPANSION

Back Button S71GS256 Datasheet HTML 166Page - SPANSION S71GS256 Datasheet HTML 167Page - SPANSION S71GS256 Datasheet HTML 168Page - SPANSION S71GS256 Datasheet HTML 169Page - SPANSION S71GS256 Datasheet HTML 170Page - SPANSION S71GS256 Datasheet HTML 171Page - SPANSION S71GS256 Datasheet HTML 172Page - SPANSION S71GS256 Datasheet HTML 173Page - SPANSION S71GS256 Datasheet HTML 174Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 195 page
background image
170
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
How Extended Timings Impact CellularRAM™ Operation
Introduction
This section describes CellularRAM™ timing requirements in systems that per-
form extended operations.
CellularRAM products use a DRAM technology that periodically requires refresh to
ensure against data corruption. CellularRAM devices include on-chip circuitry that
performs the required refresh in a manner that is completely transparent in sys-
tems with normal bus timings. The refresh circuitry imposes constraints on
timings in systems that take longer than 4µs to complete an operation. WRITE
operations are affected if the device is configured for asynchronous operation.
Both READ and WRITE operations are affected if the device is configured for page
or burst-mode operation.
tVP
10
10
ns
tVPH
10
10
ns
tVS
70
85
ns
tWC
70
85
ns
tWHZ
88
ns
tWP
46
55
ns
tWPH
10
10
ns
tWR
00
ns
Table 63. READ Timing Parameters—Asynchronous WRITE Followed by Asynchronous READ
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tAA
70
85
ns
tBHZ
88
ns
tBLZ
10
10
ns
tCBPH
55
ns
tCEM
44
µs
tHZ
88
ns
tLZ
10
10
ns
tOE
20
20
ns
tOHZ
88
ns
tOLZ
55
ns
Table 62. WRITE Timing Parameters—Asynchronous WRITE Followed by Asynchronous READ
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com