Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 176 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 176 Page - SPANSION

Back Button S71GS256 Datasheet HTML 172Page - SPANSION S71GS256 Datasheet HTML 173Page - SPANSION S71GS256 Datasheet HTML 174Page - SPANSION S71GS256 Datasheet HTML 175Page - SPANSION S71GS256 Datasheet HTML 176Page - SPANSION S71GS256 Datasheet HTML 177Page - SPANSION S71GS256 Datasheet HTML 178Page - SPANSION S71GS256 Datasheet HTML 179Page - SPANSION S71GS256 Datasheet HTML 180Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 195 page
background image
176
CellularRAM-2A
cellRAM_02_A0 December 15, 2004
Advan ce
In form ati o n
Functional Description
The 64Mb async/page CellularRAM device is a high-density alternative to SRAM
and Pseudo SRAM products, popular in low-power, portable applications. The de-
vice contains 67,108,864 bits organized as 4,194,304 addresses by 16 bits. It
includes the industry-standard, asynchronous memory interface found on other
low-power SRAM or Pseudo SRAM offerings. Page mode accesses are also in-
cluded as a bandwidth-enhancing extension to the asynchronous read protocol.
Power-Up Initialization
CellularRAM products include an on-chip voltage sensor that is used to launch the
power-up initialization process. Initialization will load the CR with its default set-
tings. VCC and VCCQ must be applied simultaneously, and when they reach a
stable level above 1.70 V, the device requires 150 µs to complete its self initial-
ization process (see Figure 2). During the initialization period, CE# should remain
HIGH. When initialization is complete, the device is ready for normal operation.
At power-up, the CR is set to 0070h.
Bus Operating Modes
CellularRAM products incorporate the industry-standard, asynchronous interface
found on other low-power SRAM or Pseudo SRAM offerings. This bus interface
supports asynchronous READ and WRITE operations as well as the bandwidth-
enhancing page mode READ operation. The specific interface that is supported is
defined by the value loaded into the CR.
Asynchronous Mode
CellularRAM products power up in the asynchronous operating mode. This mode
uses the industry standard SRAM control interface (CE#, OE#, WE#, LB#/ UB#).
READ operations (Figure 66) are initiated by bringing CE#, OE#, and LB#/UB#
LOW while keeping WE# HIGH. Valid data will be driven out of the I/Os after the
specified access time has elapsed. WRITE operations (Figure 67) occur when
CE#, WE#, and LB#/ UB# are driven LOW. During WRITE operations, the level
of OE# is a “Don't Care”; WE# will override OE#. The data to be written will be
latched on the rising edge of CE#, WE#, or LB#/UB# (whichever occurs first).
Figure 65. Power-Up Initialization Timing
VCC
VCCQ
tPU > 150 µs
Device Initialization
Device ready for
normal operation
VCC = 1.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com