Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 194 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 194 Page - SPANSION

Back Button S71GS256 Datasheet HTML 187Page - SPANSION S71GS256 Datasheet HTML 188Page - SPANSION S71GS256 Datasheet HTML 189Page - SPANSION S71GS256 Datasheet HTML 190Page - SPANSION S71GS256 Datasheet HTML 191Page - SPANSION S71GS256 Datasheet HTML 192Page - SPANSION S71GS256 Datasheet HTML 193Page - SPANSION S71GS256 Datasheet HTML 194Page - SPANSION S71GS256 Datasheet HTML 195Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 194 / 195 page
background image
194
CellularRAM-2A
cellRAM_02_A0 December 15, 2004
Advan ce
In form ati o n
Note:Timing constraints when page mode is enabled.
Figure 82. Extended Timing for tCEM (2)
Impact on Extended WRITE Operations
Modified timings are only required during extended WRITE operations (see Figure
83 below). An extended WRITE operation requires that both the write pulse width
(tWP) and the data valid period (tDW) will need to be lengthened to at least the
minimum WRITE cycle time (tWC[MIN]). These increased timings ensure that time
is available for both a refresh operation and successful completion of the WRITE
operation.
Summary
CellularRAM products are designed to ensure that any possible bus timings do not
cause corruption of array data due to lack of refresh. The on-chip refresh circuitry
will only affect the required timings for WRITE operations (READs are unaffected)
performed in a system with a slow memory interface. The impact for WRITE op-
erations is that some of the timing parameters (tWP, tDW) are lengthened. The
modified timings are likely to have little or no impact when interfacing a Cellular-
RAM device with a low-speed memory bus.
Figure 83. Extended WRITE Operation
CE#
tCEM 10µs
<
tCEM or tTM > 4µs
tWP > tWC (MIN)
tDW > tWC (MIN)
ADDRESS
CE#
LB#/UB#
WE#
DATA-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com