Electronic Components Datasheet Search
  English  ▼

X  

TMUX4827 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX4827
Description  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX4827 Datasheet HTML 8Page - Texas Instruments TMUX4827 Datasheet HTML 9Page - Texas Instruments TMUX4827 Datasheet HTML 10Page - Texas Instruments TMUX4827 Datasheet HTML 11Page - Texas Instruments TMUX4827 Datasheet HTML 12Page - Texas Instruments TMUX4827 Datasheet HTML 13Page - Texas Instruments TMUX4827 Datasheet HTML 14Page - Texas Instruments TMUX4827 Datasheet HTML 15Page - Texas Instruments TMUX4827 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
1M
10M
100M
VDD = 3.3 V
Figure 6-19. Off Isolation vs Frequency
Frequency(Hz)
-120
-100
-80
-60
-40
-20
0
1M
10M
100M
100k
10k
1k
100
VDD = 3.3 V
Figure 6-20. Crosstalk vs Frequency
Frequency(Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
10k
1k
100
VDD = 3.3 V
Figure 6-21. ACPSRR vs Frequency
VDD = 3.3 V
Figure 6-22. Maximum Signal Swing
Temperature (
C)
0
25
50
75
100
125
0
0.3
0.6
0.9
1.2
1.5
DC
RMS
VDD = 3.3 V
Figure 6-23. Maximum Continuous Current vs Temperature
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com