Electronic Components Datasheet Search
  English  ▼

X  

TMUX4827 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX4827
Description  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX4827 Datasheet HTML 1Page - Texas Instruments TMUX4827 Datasheet HTML 2Page - Texas Instruments TMUX4827 Datasheet HTML 3Page - Texas Instruments TMUX4827 Datasheet HTML 4Page - Texas Instruments TMUX4827 Datasheet HTML 5Page - Texas Instruments TMUX4827 Datasheet HTML 6Page - Texas Instruments TMUX4827 Datasheet HTML 7Page - Texas Instruments TMUX4827 Datasheet HTML 8Page - Texas Instruments TMUX4827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Thermal Information....................................................4
6.4 Recommended Operating Conditions.........................5
6.5 Source or Drain Continuous Current...........................5
6.6 Source or Drain RMS Current.....................................5
6.7 Electrical Characteristics ............................................6
6.8 Switching Characteristics ...........................................8
6.9 Typical Characteristics................................................ 9
7 Parameter Measurement Information.......................... 13
7.1 On-Resistance.......................................................... 13
7.2 On-Leakage Current................................................. 13
7.3 Off-Leakage Current................................................. 14
7.4 Power-Off Leakage Current...................................... 14
7.5 Propagation Delay.................................................... 15
7.6 tON (VDD) and tOFF (VDD) Time..................................... 15
7.7 Transition Time......................................................... 16
7.8 Break-Before-Make...................................................16
7.9 THD + Noise............................................................. 17
7.10 Power Supply Rejection Ratio (PSRR)................... 17
7.11 Charge Injection...................................................... 18
7.12 Bandwidth............................................................... 18
7.13 Off Isolation.............................................................19
7.14 Crosstalk................................................................. 20
8 Detailed Description......................................................21
8.1 Functional Block Diagram......................................... 21
8.2 Device Functional Modes..........................................21
8.3 Feature Description...................................................21
9 Application and Implementation.................................. 23
9.1 Application Information............................................. 23
9.2 Typical Applications ................................................. 23
9.3 Power Supply Recommendations.............................25
9.4 Layout....................................................................... 25
10 Device and Documentation Support..........................27
10.1 Documentation Support.......................................... 27
10.2 Receiving Notification of Documentation Updates..27
10.3 Support Resources................................................. 27
10.4 Trademarks.............................................................27
10.5 Electrostatic Discharge Caution..............................27
10.6 Glossary..................................................................27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (May 2023) to Revision A (June 2023)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data .................................. 1
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com