Electronic Components Datasheet Search
  English  ▼

X  

TMUX4827 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX4827
Description  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX4827 Datasheet HTML 17Page - Texas Instruments TMUX4827 Datasheet HTML 18Page - Texas Instruments TMUX4827 Datasheet HTML 19Page - Texas Instruments TMUX4827 Datasheet HTML 20Page - Texas Instruments TMUX4827 Datasheet HTML 21Page - Texas Instruments TMUX4827 Datasheet HTML 22Page - Texas Instruments TMUX4827 Datasheet HTML 23Page - Texas Instruments TMUX4827 Datasheet HTML 24Page - Texas Instruments TMUX4827 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8 Detailed Description
8.1 Functional Block Diagram
The TMUX4827 is an 2:1, 2-channel multiplexer or demultiplexer. Each input is turned on or turned off based on
the state of the address lines and VDD pin.
S1A
S1B
D1
SEL
V
DD
Decoder
S2A
S2B
D2
8.2 Device Functional Modes
Table 8-1 provides the truth table for the TMUX4827.
Table 8-1. TMUX4827 Truth Table
VDD SEL
Selected Input Connected To Drain (D) Pin
0
X(1)
All channels are off (Hi-Z). Device is in power-off
protection.
1
0
SxA
1
1
SxB
(1)
X denotes do not care.
8.3 Feature Description
8.3.1 Beyond the Supply
The TMUX4827 supports signal voltages beyond the supply on the source (Sx) and drain (Dx) pins up to ±12
V. This feature allows both AC and DC bidirectional signals above Vdd and below ground to pass through the
switch without distortion, using a unidirectional supply. The device remains within the performance mentioned in
the Electrical Characteristics.
Vdd
12V
Vdd
Switch
Driver
0V
-12V
Vdd
12V
0V
-12V
Figure 8-1. Beyond the Supply Signal Support
8.3.2 Bidirectional Operation
The TMUX4827 conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
www.ti.com
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com