Electronic Components Datasheet Search
  English  ▼

X  

TMUX4827 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX4827
Description  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX4827 Datasheet HTML 19Page - Texas Instruments TMUX4827 Datasheet HTML 20Page - Texas Instruments TMUX4827 Datasheet HTML 21Page - Texas Instruments TMUX4827 Datasheet HTML 22Page - Texas Instruments TMUX4827 Datasheet HTML 23Page - Texas Instruments TMUX4827 Datasheet HTML 24Page - Texas Instruments TMUX4827 Datasheet HTML 25Page - Texas Instruments TMUX4827 Datasheet HTML 26Page - Texas Instruments TMUX4827 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
TMUX4827 is part of the beyond the supply switches and multiplexers family of devices. This means that this
device can switch signals from -12 V to 12 V with a low voltage supply from 1.8 to 5.5 V. Additionally, the
TMUX4827 features powered-off protection, which by design keeps the switches open even when there is no
supply. This unique feature combination enables the TMUX4827 to be extremely versatile for a wide variety of
applications such as boosted outputs and high common mode offsets.
9.2 Typical Applications
9.2.1 Audio Amplifier Switching
Often, there are multiple audio sources in a system giving the user options on which source will connect to the
speaker. To enable switching between these sources, a TMUX4827 can be used. The line-in can be biased to
a negative voltage, and class-D amplifier output can be higher than the typically used 3 V and 5 V supplies. So
any circuitry connected needs to handle this bipolar voltage. This same scheme can be used in systems where
there are multiple speaker outputs and one source as well. Here the switch is used to switch from an internal
speaker to an external one. Figure 9-1 shows the block diagram for these applications. Here a TLV320AIC3x is
used as an audio codec driving a TPA313x class D audio amplifier. Additionally, if IEC protection is needed on
the external connectors (audio jack input or external speaker), then a 2 channel TPD2E007 can be used.
The TMUX4827 can be used to switch up to ±12 V with a supply voltage from 1.8 V to 5.5 V. The supply
can also be driven directly with a GPIO, allowing the user to put the device into ultra-low power mode. In this
mode, the TMUX4827 operates with powered-off protection, so any high voltage present on the inputs will not
propagate to the outputs. This feature allows for the correct power up cycling and increases system robustness.
Additionally, the TMUX4827 features excellent THD+N performance, so there is minimal impact to the audio
signal quality through the switch. This allows the system designer to save a significant portion of board area
without impacting signal integrity.
Class D Audio
Amplifier
TPA313x
SEL
VDD
Decoder
Audio Codec
TLV320AIC3253
L
R
GPIO
Class D Audio
Amplifier
TPA313x
Audio Codec
TLV320AIC3253
L
R
GPIO
SEL
VDD
Decoder
Internal
External
TPD2E007
TPD2E007
Figure 9-1. Audio Amplifier Switching
www.ti.com
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com