Electronic Components Datasheet Search
  English  ▼

X  

TMUX4827 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX4827
Description  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX4827 Datasheet HTML 14Page - Texas Instruments TMUX4827 Datasheet HTML 15Page - Texas Instruments TMUX4827 Datasheet HTML 16Page - Texas Instruments TMUX4827 Datasheet HTML 17Page - Texas Instruments TMUX4827 Datasheet HTML 18Page - Texas Instruments TMUX4827 Datasheet HTML 19Page - Texas Instruments TMUX4827 Datasheet HTML 20Page - Texas Instruments TMUX4827 Datasheet HTML 21Page - Texas Instruments TMUX4827 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
7.11 Charge Injection
Any mismatch in capacitance results in a charge injected into the drain or source during the falling or rising edge
of the gate signal. The amount of charge injected into the source or drain of the device is known as charge
injection, and is denoted by the symbol QC. Figure 7-11 shows the setup used to measure charge injection from
Drain (D) to Source (Sx).
V
DD
V
DD
OUTPUT
C
L
SELx
S1A
D1
GND
0.1
F
V
OUT
Output
V
S
Q
C = CL ×
V
OUT
V
OUT
V
SEL
V
D
S1B
N.C.
0 V
V
DD
VSEL
OUTPUT
C
L
S2A
D2
V
OUT
S2B
N.C.
Figure 7-11. Charge Injection Measurement Setup
7.12 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx) of the device. Figure
7-12 shows the setup used to measure bandwidth.
GND
NETWORK
ANALYZER
V
OUT
S
D
50
V
SIG
R
L
50
V
S
V
DD
0.1 µF
SxA / SxB
R
L
50
Figure 7-12. Bandwidth Measurement Setup
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com