Electronic Components Datasheet Search
  English  ▼

X  

TMUX4827 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX4827
Description  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX4827 Datasheet HTML 1Page - Texas Instruments TMUX4827 Datasheet HTML 2Page - Texas Instruments TMUX4827 Datasheet HTML 3Page - Texas Instruments TMUX4827 Datasheet HTML 4Page - Texas Instruments TMUX4827 Datasheet HTML 5Page - Texas Instruments TMUX4827 Datasheet HTML 6Page - Texas Instruments TMUX4827 Datasheet HTML 7Page - Texas Instruments TMUX4827 Datasheet HTML 8Page - Texas Instruments TMUX4827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
2
3
A
B
C
Not to scale
S1A
SEL
S2A
D1
GND
D2
S1B
VDD
S2B
Figure 5-1. YBH Package, 9-Ball DSBGA (Top View, Bump Side Down)
Legend
Power
Input
Input or Output
Ground
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
A1
S1A
I/O
Source pin 1A. Can be an input or output.
A2
SEL
I
Logic control input. Controls the switch connection as provided in Table 8-1.
A3
S2A
I/O
Source pin 2A. Can be an input or output.
B1
D1
I/O
Drain pin 1. Can be an input or output.
B2
GND
GND
Ground (0 V) reference
B3
D2
I/O
Drain pin 2. Can be an input or output.
C1
S1B
I/O
Source pin 1B. Can be an input or output.
C2
VDD
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VDD and GND. Controls the switch connection as provided in Table 8-1
C3
S2B
I/O
Source pin 2B. Can be an input or output.
(1)
I = input, I/O = input or output, GND = ground, P = power.
www.ti.com
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com