Electronic Components Datasheet Search
  English  ▼

X  

BLF245 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF245
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF245 Datasheet HTML 2Page - NXP Semiconductors BLF245 Datasheet HTML 3Page - NXP Semiconductors BLF245 Datasheet HTML 4Page - NXP Semiconductors BLF245 Datasheet HTML 5Page - NXP Semiconductors BLF245 Datasheet HTML 6Page - NXP Semiconductors BLF245 Datasheet HTML 7Page - NXP Semiconductors BLF245 Datasheet HTML 8Page - NXP Semiconductors BLF245 Datasheet HTML 9Page - NXP Semiconductors BLF245 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 1992
6
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF245
APPLICATION INFORMATION FOR CLASS-B OPERATION
Th = 25 °C; Rth mb-h = 0.3 K/W; R1 = 1 kΩ.
RF performance in CW operation in a common source class-B test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
GP
(dB)
ηD
(%)
Zi
(
Ω)
(note 1)
ZL
(
Ω)
CW, class-B
175
28
50
30
> 13
typ. 15.5
< 50
typ. 67
2.0
− j2.7
3.9
+ j4.4
175
12.5
50
12
typ. 12
typ. 66
2.4
− j2.5
3.8
+ j1.3
Note
1. R1 included.
Ruggedness in class-B operation
The BLF245 is capable of withstanding a load mismatch
corresponding to VSWR = 50 through all phases under
the following conditions:
Th =25 °C; Rth mb-h = 0.3 K/W; at rated load power.
Fig.9
Power gain and efficiency as functions of
load power, typical values.
Class-B operation; VDS = 28 V; IDQ =50mA;
f = 175 MHz; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
10
20
30
50
20
0
10
100
0
50
40
MGP172
Gp
(dB)
PL (W)
ηD
(%)
Gp
ηD
Fig.10 Load power as a function of input power,
typical values.
Class-B operation; VDS = 28 V; IDQ =50mA;
f = 175 MHz; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
60
0
0.6
2.4
10
MEA736
1.2
PL
(W)
PIN (W)
20
30
40
50
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com