Electronic Components Datasheet Search
  English  ▼

X  

BLF245 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF245
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF245 Datasheet HTML 4Page - NXP Semiconductors BLF245 Datasheet HTML 5Page - NXP Semiconductors BLF245 Datasheet HTML 6Page - NXP Semiconductors BLF245 Datasheet HTML 7Page - NXP Semiconductors BLF245 Datasheet HTML 8Page - NXP Semiconductors BLF245 Datasheet HTML 9Page - NXP Semiconductors BLF245 Datasheet HTML 10Page - NXP Semiconductors BLF245 Datasheet HTML 11Page - NXP Semiconductors BLF245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
September 1992
10
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF245
Fig.15 Input impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 28 V; IDQ =50mA;
PL = 30 W; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
20
40
120
40
30
10
0
20
60
80
100
MGP177
Zi
(
Ω)
−xi
f (MHz)
ri
Fig.16 Load impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 28 V; IDQ =50mA;
PL = 30 W; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
20
40
120
16
12
4
0
8
60
80
100
MGP178
ZL
(
Ω)
RL
f (MHz)
XL
Fig.17 Definition of MOS impedance.
handbook, halfpage
MBA379
Zi
ZL
Fig.18 Power gain as a function of frequency,
typical values.
Class-B operation; VDS = 28 V; IDQ =50mA;
PL = 30 W; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
20
40
120
40
30
10
0
20
60
80
100
MGP179
Gp
(dB)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com