Electronic Components Datasheet Search
  English  ▼

X  

BLF245 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF245
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF245 Datasheet HTML 4Page - NXP Semiconductors BLF245 Datasheet HTML 5Page - NXP Semiconductors BLF245 Datasheet HTML 6Page - NXP Semiconductors BLF245 Datasheet HTML 7Page - NXP Semiconductors BLF245 Datasheet HTML 8Page - NXP Semiconductors BLF245 Datasheet HTML 9Page - NXP Semiconductors BLF245 Datasheet HTML 10Page - NXP Semiconductors BLF245 Datasheet HTML 11Page - NXP Semiconductors BLF245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
September 1992
11
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF245
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT123A
97-06-28
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 4 leads
SOT123A
1
2
43
U3
U2
H
H
L
b
Q
D
U1
q
A
F
c
p
M
w2
B
C
C
A
w1 M AB
α
UNIT
A
mm
D
b
5.82
5.56
0.18
0.10
9.73
9.47
9.63
9.42
20.71
19.93
3.33
3.04
6.61
6.09
7.47
6.37
c
D1
U2
U3
9.78
9.39
1.02
0.51
w2
w1
45
°
α
L
5.61
5.16
U1
25.15
24.38
Q
4.63
4.11
q
18.42
F
2.72
2.31
inches
0.229
0.219
0.007
0.004
0.383
0.373
0.397
0.371
0.815
0.785
0.131
0.120
0.26
0.24
0.294
0.251
0.385
0.370
0.04
0.02
0.221
0.203
0.99
0.96
0.182
0.162
0.725
0.107
0.091
p
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com