Electronic Components Datasheet Search
  English  ▼

X  

BLF276 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF276
Description  VHF power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF276 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF276 Datasheet HTML 4Page - NXP Semiconductors BLF276 Datasheet HTML 5Page - NXP Semiconductors BLF276 Datasheet HTML 6Page - NXP Semiconductors BLF276 Datasheet HTML 7Page - NXP Semiconductors BLF276 Datasheet HTML 8Page - NXP Semiconductors BLF276 Datasheet HTML 9Page - NXP Semiconductors BLF276 Datasheet HTML 10Page - NXP Semiconductors BLF276 Datasheet HTML 11Page - NXP Semiconductors BLF276 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
December 1997
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF276
List of components (class-B test circuit)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C9, C19
multilayer ceramic chip capacitor
(note 1)
680 pF, 500 V
C2
multilayer ceramic chip capacitor
(note 1)
15 pF, 500 V
C3, C5, C16, C18
film dielectric trimmer
4 to 40 pF
2222 809 08002
C4
multilayer ceramic chip capacitor
(note 1)
13 pF, 500 V
C6, C7
multilayer ceramic chip capacitor
(note 1)
62 pF, 500 V
C8, C14
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C10
multilayer ceramic chip capacitor
(note 1)
100 pF, 500 V
C11
foil capacitor
100 nF, 100 V
2222 368 21204
C12
multilayer ceramic chip capacitor
10 nF
2222 852 47103
C13
electrolytic capacitor
10
µF, 63 V
2222 030 38109
C15
multilayer ceramic chip capacitor
(note 2)
2
× 33 pF
in parallel,
500 V
C17
multilayer ceramic chip capacitor
(note 1)
18 pF, 500 V
L1
stripline (note 3)
49
Ω
length 8 mm
width 4 mm
L2
stripline (note 3)
49
Ω
length 12 mm
width 4 mm
L3
stripline (note 3)
49
Ω
length 7.5 mm
width 4 mm
L4
2 turns enamelled 1.5 mm copper
wire
18 nH
length 4.2 mm
int. dia. 4 mm
leads 2
× 1mm
L5
stripline (note 3)
49
Ω
length 15.5 mm
width 4 mm
L6
stripline (note 3)
49
Ω
length 5 mm
width 4 mm
L7
2 turns enamelled 1.5 mm copper
wire
16 nH
length 3.3 mm
int. dia. 3 mm
leads 2
× 4 mm
L8
stripline (note 3)
31
Ω
length 6 mm
width 6 mm
L9
stripline (note 3)
31
Ω
length 9.5 mm
width 6 mm
L10, L11
stripline (note 3)
31
Ω
length 10 mm
width 6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com