Electronic Components Datasheet Search
  English  ▼

X  

BLF276 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF276
Description  VHF power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF276 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF276 Datasheet HTML 1Page - NXP Semiconductors BLF276 Datasheet HTML 2Page - NXP Semiconductors BLF276 Datasheet HTML 3Page - NXP Semiconductors BLF276 Datasheet HTML 4Page - NXP Semiconductors BLF276 Datasheet HTML 5Page - NXP Semiconductors BLF276 Datasheet HTML 6Page - NXP Semiconductors BLF276 Datasheet HTML 7Page - NXP Semiconductors BLF276 Datasheet HTML 8Page - NXP Semiconductors BLF276 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
December 1997
2
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF276
FEATURES
• High power gain
• Easy power control
• Good thermal stability
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS transistor
designed for large signal amplifier
applications in the VHF frequency
range. The transistor delivers an
output power of 100 W in class-B
operation at a supply voltage of 50 V.
The transistor is encapsulated in a
6-lead, SOT119 pill-package
envelope, with a ceramic cap.
PINNING - SOT119D3
PIN
DESCRIPTION
1
source
2
source
3
gate
4
drain
5
source
6
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
page
2
4
6
5
3
1
MSA308
Top view
s
d
g
MBB072
QUICK REFERENCE DATA
RF performance at Tmb = 25 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
GP
(dB)
ηD
(%)
CW, class-B
225
50
100
≥ 13
≥ 50
108
50
100
≥ 18
≥ 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com