Electronic Components Datasheet Search
  English  ▼

X  

BLF276 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF276
Description  VHF power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF276 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF276 Datasheet HTML 5Page - NXP Semiconductors BLF276 Datasheet HTML 6Page - NXP Semiconductors BLF276 Datasheet HTML 7Page - NXP Semiconductors BLF276 Datasheet HTML 8Page - NXP Semiconductors BLF276 Datasheet HTML 9Page - NXP Semiconductors BLF276 Datasheet HTML 10Page - NXP Semiconductors BLF276 Datasheet HTML 11Page - NXP Semiconductors BLF276 Datasheet HTML 12Page - NXP Semiconductors BLF276 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
December 1997
9
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF276
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. American Technical Ceramics (ATC) capacitor, type 175B or other capacitor of the same quality.
3. The striplines are on a double copper-clad printed circuit board, with epoxy fibre-glass PTFE dielectric (
εr = 4.5);
thickness 1
⁄16 inch.
L12
3 turns enamelled 1.5 mm copper
wire
50 nH
length 4.8 mm
int. dia. 5 mm
leads 2
× 4 mm
L13
stripline (note 3)
31
Ω
length 5 mm
width 6 mm
L14
1 turn enamelled 1.5 mm copper
wire
int. dia. 2.8 mm
leads 2
× 1mm
L15
stripline (note 3)
36
Ω
length 16.5 mm
width 5 mm
L16
stripline (note 3)
36
Ω
length 8 mm
width 5 mm
L17
2 turns enamelled 1.5 mm copper
wire
17 nH
length 4.7 mm
int. dia. 4 mm
leads 2
× 2 mm
L18
stripline (note 3)
36
Ω
length 17.5 mm
width 5 mm
L19, L20
stripline (note 3)
36
Ω
length 8.5 mm
width 5 mm
L21
grade 3B Ferroxcube wide-band RF
choke
4312 020 36642
R1
1 W metal film resistor
9.09
Ω
2222 153 59098
R2
10 turns potentiometer
50 k
Ω
R3
0.4 W metal film resistor
400 k
Ω
2322 151 74024
R4
0.4 W metal film resistor
10
Ω
2322 151 11009
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com