Electronic Components Datasheet Search
  English  ▼

X  

BLF276 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF276
Description  VHF power MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF276 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF276 Datasheet HTML 5Page - NXP Semiconductors BLF276 Datasheet HTML 6Page - NXP Semiconductors BLF276 Datasheet HTML 7Page - NXP Semiconductors BLF276 Datasheet HTML 8Page - NXP Semiconductors BLF276 Datasheet HTML 9Page - NXP Semiconductors BLF276 Datasheet HTML 10Page - NXP Semiconductors BLF276 Datasheet HTML 11Page - NXP Semiconductors BLF276 Datasheet HTML 12Page - NXP Semiconductors BLF276 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
December 1997
12
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF276
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT119D
97-06-28
0
5
10 mm
scale
Flangeless ceramic package; 6 leads
SOT119D
5.59
5.33
1.71
1.44
D
D1
A
UNIT
Q
mm
b
4.53
3.70
A
5.34
5.08
b1
4.07
3.81
b2
0.16
0.10
c
12.86
12.59
D
12.83
12.57
D1
18.55
18.28
H1
21.97
21.20
H
0.51
w2
0.26
w3
6.48
0.220
0.210
0.067
0.057
inches 0.178
0.146
0.210
0.200
0.160
0.150
0.006
0.004
0.506
0.496
0.505
0.495
0.730
0.720
0.865
0.835
0.02
0.01
0.255
e
b2
Q
c
1
2
3
4
5
6
H
b
M
w3
b1
e
A
M
A
w2
H1
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com