Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # TA042
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 Datasheet(HTML) 9 Page - Pico Technology Ltd.

Back Button TA042 Datasheet HTML 5Page - Pico Technology Ltd. TA042 Datasheet HTML 6Page - Pico Technology Ltd. TA042 Datasheet HTML 7Page - Pico Technology Ltd. TA042 Datasheet HTML 8Page - Pico Technology Ltd. TA042 Datasheet HTML 9Page - Pico Technology Ltd. TA042 Datasheet HTML 10Page - Pico Technology Ltd. TA042 Datasheet HTML 11Page - Pico Technology Ltd. TA042 Datasheet HTML 12Page - Pico Technology Ltd. TA042 Datasheet HTML 13Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
PicoScope® 6000E Series
Advanced display
PicoScope 6 software dedicates the majority of the display area to the waveform,
ensuring that the maximum amount of data is visible at all times. The size of
the display is only limited by the size of your computer’s monitor, so even with a
laptop, the viewing area is much bigger, with much higher resolution, than that of a
benchtop scope.
With such a large display area available, you can create a customizable split-screen
display and view multiple channels or different views of the same signal at the
same time – the software can even show multiple oscilloscope and spectrum
analyzer views at once. Each view has separate zoom, pan and filter settings, for
ultimate flexibility.
You can control the PicoScope software using a mouse, a touchscreen or
customizable keyboard shortcuts.
PicoScope 6 custom colors
In PicoScope 6, you can customize the
color scheme and line thicknesses. Display
elements you can adjust in this way include
the channel traces, background color and
grid lines.
SuperSpeed USB 3.0 connection
PicoScope 6000E Series oscilloscopes feature a
USB 3.0 connection, providing lightning-fast saving
of waveforms while retaining compatibility with
older USB standards.
PicoSDK supports continuous streaming to the host
computer at rates of over 300 MS/s.
The USB connection not only allows high-speed
data acquisition and transfer, but also makes
printing, copying, saving and emailing your data
from the field quick and easy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com