Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 29 Page - Pico Technology Ltd.

Part # TA042
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 Datasheet(HTML) 29 Page - Pico Technology Ltd.

Back Button TA042 Datasheet HTML 25Page - Pico Technology Ltd. TA042 Datasheet HTML 26Page - Pico Technology Ltd. TA042 Datasheet HTML 27Page - Pico Technology Ltd. TA042 Datasheet HTML 28Page - Pico Technology Ltd. TA042 Datasheet HTML 29Page - Pico Technology Ltd. TA042 Datasheet HTML 30Page - Pico Technology Ltd. TA042 Datasheet HTML 31Page - Pico Technology Ltd. TA042 Datasheet HTML 32Page - Pico Technology Ltd. TA042 Datasheet HTML 33Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
PicoScope® 6000E Series
PicoScope 6000E Series specifications
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
Vertical (analog channels)
Input channels
4
4
8
4
4
4
8
4
4
Bandwidth
(–3 dB)
50 Ω
1 GHz
750 MHz
500 MHz
1 GHz
750 MHz
500 MHz
300 MHz
1 MΩ
500 MHz
500 MHz
500 MHz
500 MHz
Rise time
50 Ω
< 350 ps
< 475 ps
< 850 ps
< 350 ps
< 475 ps
< 850 ps
< 1.3 ns
1 MΩ
< 850 ps
< 850 ps
< 850 ps
< 850 ps
Selectable bandwidth limit
20 MHz, 200 MHz
20 MHz
20 MHz, 200 MHz
20 MHz
Vertical resolution
8, 10 or 12 bits FlexRes
8 bits fixed
Enhanced vertical resolution
(software)
Up to 4 extra bits beyond ADC resolution
Input connector
BNC(f), x10 probe readout-pin compatible
Input
characteristics
1 MΩ
1 MΩ ±0.5%
∥12pF±1pF
50 Ω
50 Ω ±3%
50 Ω ±2%
50 Ω ±3%
50 Ω ±2%
Input coupling 1 MΩ
AC/DC
50 Ω
DC
Input
sensitivity
1 MΩ
2 mV/div to 4 V/div (10 vertical divisions)
50 Ω
2 mV/div to 1 V/div (10 vertical divisions)
Input ranges
(full scale)
1 MΩ
±10 mV, ±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV, ±1 V, ±2 V, ±5 V, ±10V, ±20 V
50 Ω
±10 mV, then as above up to ±5 V
DC gain accuracy
±(1% of signal + 1 LSB)
±(0.5% of signal + 1 LSB)
±(1.5% of signal + 1 LSB)
DC offset accuracy
±(1% of full scale + 250 µV)
Offset accuracy can be improved by using the “zero offset” function in PicoScope 6.
LSB size
(quantization
step size)
8-bit mode
< 0.4 % of input range
10-bit mode
< 0.1 % of input range
N/A
12-bit mode
< 0.025 % of input range
Analog offset
range
(vertical
position
adjustment)
50 Ω
±125 mV (±10 mV to ±100 mV
ranges)
±1.25 V (±200 mV to ±1 V ranges)
±5 V (±2 V and ±5 V ranges)
±1.25 V (±10 mV to ±1 V ranges)
±20V (±2V and ±5V ranges)
±125 mV (±10 mV to ±100 mV
ranges)
±1.25 V (±200 mV to ±1 V ranges)
±5 V (±2 V and ±5 V ranges)
±1.25 V (±10 mV to ±1 V ranges)
±20V (±2V and ±5V ranges)
1 MΩ
±1.25 V (±10 mV to ±1 V ranges)
±20 V (±2 V to ±20 V ranges)
Analog offset control accuracy
±0.5% of offset setting, additional to DC accuracy above
Overvoltage
protection
1 MΩ
±100 V (DC + AC peak) up to 10 kHz
50 Ω
5.5 V RMS max, ±10 V pk max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com