Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 36 Page - Pico Technology Ltd.

Part # TA042
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 Datasheet(HTML) 36 Page - Pico Technology Ltd.

Back Button TA042 Datasheet HTML 31Page - Pico Technology Ltd. TA042 Datasheet HTML 32Page - Pico Technology Ltd. TA042 Datasheet HTML 33Page - Pico Technology Ltd. TA042 Datasheet HTML 34Page - Pico Technology Ltd. TA042 Datasheet HTML 35Page - Pico Technology Ltd. TA042 Datasheet HTML 36Page - Pico Technology Ltd. TA042 Datasheet HTML 37Page - Pico Technology Ltd. TA042 Datasheet HTML 38Page - Pico Technology Ltd. TA042 Datasheet HTML 39Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
Software
Windows software
(32-bit or 64-bit)[4]
PicoScope 6, PicoLog 6, PicoSDK (Users writing their own apps can find example programs for all platforms on the Pico Technology
organization page on GitHub)
macOS software (64-bit)[4]
PicoScope 6 Beta (including drivers), PicoLog 6 (including drivers)
Linux software (64-bit)[4]
PicoScope 6 Beta software and drivers, PicoLog 6 (including drivers)
See Linux Software and Drivers to install drivers only
Raspberry Pi 4B
(Raspberry Pi OS)[4]
PicoLog 6 (including drivers)
See Linux Software and Drivers to install drivers only
[4]
See the picotech.com/downloads page for more information.
Languages
supported
PicoScope 6
Simplified Chinese, Czech, Danish, Dutch, English, Finnish, French, German, Greek, Hungarian, Italian, Japanese, Korean, Norwegian, Polish,
Portuguese, Romanian, Russian, Spanish, Swedish, Turkish
PicoLog 6
Simplified Chinese, Dutch, English (UK), English (US), French, German, Italian, Japanese, Korean, Russian, Spanish
PC requirements
Processor, memory and disk space: as required by the operating system
Ports: USB 3.0 (recommended) or 2.0 (compatible)
MSO pod dimensions
Digital interface cable length
500 mm (scope to pod)
Probe flying lead length
225 mm (pod to probe)
Pod size
75 x 55 x 18.2 mm
Probe size
34.5 x 2.5 x 6.7 mm (including ground clip)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com