Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 31 Page - Pico Technology Ltd.

Part # TA042
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 Datasheet(HTML) 31 Page - Pico Technology Ltd.

Back Button TA042 Datasheet HTML 27Page - Pico Technology Ltd. TA042 Datasheet HTML 28Page - Pico Technology Ltd. TA042 Datasheet HTML 29Page - Pico Technology Ltd. TA042 Datasheet HTML 30Page - Pico Technology Ltd. TA042 Datasheet HTML 31Page - Pico Technology Ltd. TA042 Datasheet HTML 32Page - Pico Technology Ltd. TA042 Datasheet HTML 33Page - Pico Technology Ltd. TA042 Datasheet HTML 34Page - Pico Technology Ltd. TA042 Datasheet HTML 35Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
Maximum sampling rate (real time, 10-bit mode)
1 analog channel or MSO pod
5 GS/s
N/A
Up to 2 total analog channels and/or
MSO pods
2.5 GS/s
2.5 GS/s[3]
2.5 GS/s
Up to 4 total analog channels and/or
MSO pods
1.25 GS/s
Up to 8 total analog channels and/or
MSO pods
625 MS/s
Over 8 channels and MSO pods
N/A
312.5 MS/s
N/A
Maximum sampling rate (real time, 12-bit mode)
Up to 2 analog channels plus any MSO
pods
1.25 GS/s[1]
1.25 GS/s[2]
1.25 GS/s[1]
N/A
[1]
No more than one channel from each of AB and CD
[2]
No more than one channel from each of ABCD and EFGH
[3]
No more than one channel from each of AB, CD, EF and GH
Max. sampling
rate, USB 3.0
streaming
mode
PicoScope 6
~20 MS/s (split between active channels, PC dependent)
PicoSDK
~312 MS/s (8-bit mode)
~156 MS/s (10/12-bit modes)
~312 MS/s
(split between active channels, PC dependent)
Max. sampling
rate to on-
device buffer
PicoSDK
1.25 GS/s (8-bit mode)
625 MS/s (10/12-bit modes)
1.25 GS/s
(continuous USB streaming of downsampled data, split between enabled channels)
Capture memory
4 GS (8-bit mode)
2 GS (10/12-bit modes)
2 GS
1 GS
(shared between active channels)
Maximum
single capture
duration at
maximum
sampling rate
PicoScope 6
200 ms
PicoSDK
800 ms (8-bit); 400 ms (10-bit); 1600 ms (12-bit)
400 ms
200 ms
Capture
memory
(continuous
streaming)
PicoScope 6
100 MS
PicoSDK
Buffering using full device memory, no limit on total duration of capture.
Waveform
buffer (number
of segments)
PicoScope 6
10 000
PicoSDK
2 000 000
1 000 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com