Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 28 Page - Pico Technology Ltd.

Part # TA042
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 Datasheet(HTML) 28 Page - Pico Technology Ltd.

Back Button TA042 Datasheet HTML 24Page - Pico Technology Ltd. TA042 Datasheet HTML 25Page - Pico Technology Ltd. TA042 Datasheet HTML 26Page - Pico Technology Ltd. TA042 Datasheet HTML 27Page - Pico Technology Ltd. TA042 Datasheet HTML 28Page - Pico Technology Ltd. TA042 Datasheet HTML 29Page - Pico Technology Ltd. TA042 Datasheet HTML 30Page - Pico Technology Ltd. TA042 Datasheet HTML 31Page - Pico Technology Ltd. TA042 Datasheet HTML 32Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
PicoScope® 6000E Series
Probe positioning system
The Pico oscilloscope probe positioning system holds your circuit board firmly during soldering, inspection and test.
The kits include flexible probe holders which secure magnetically to the steel base plate. When the probes are installed in the holders they can be positioned to make contact with
points of interest on the circuit board and will remain in contact while you make measurements in the PicoScope software.
The large steel base plate is mirror-finished allowing you to see any items such as status LEDs underneath the PCB.
Probe positioning system kit contents:
Item
PQ215 kit
PQ219 kit
PQ218 kit
PCB holder
4
4
Base plate, 210 x 297 mm
1
1
Set of insulation washers for PCB holders
1
1
Pico probe holder, 2.5 mm
4
8
4
Set of cable holders channels A-D
1
1
1
Set of cable holders channels E-H
1
1
1
P2056 500 MHz 10:1 passive BNC probe
4
If you already own a
4- or 8-channel scope
with four probes, this
kit is the ideal add-on.
Upgrade your 8-channel
scope from four to
eight probes, and add
eight probe holders.
Four extra probe
holders.
Passive analog high-impedance probes
P2056 500 MHz and P2036 300 MHz passive probes are supplied with your scope and are also available separately in
single or dual packs. These probes feature a probe-detect readout BNC connector allowing automatic recognition as a
10:1 attenuator by the scope.
Probe connection is confirmed by a notification in PicoScope 6.
Features:
•
Up to 500 MHz bandwidth
•
10:1 attenuation
•
High-frequency response trimmed to match the oscilloscope
•
Probe-detect readout pin for automatic range scaling
A comprehensive selection of accessories is supplied in the single probe packs and a basic selection in the dual packs.
Further accessories are available as listed in the P2056 and P2036 User’s Guide.
Optional accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com