Electronic Components Datasheet Search
  English  ▼

X  

TA042 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # TA042
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  TA042 Datasheet HTML 1Page - Pico Technology Ltd. TA042 Datasheet HTML 2Page - Pico Technology Ltd. TA042 Datasheet HTML 3Page - Pico Technology Ltd. TA042 Datasheet HTML 4Page - Pico Technology Ltd. TA042 Datasheet HTML 5Page - Pico Technology Ltd. TA042 Datasheet HTML 6Page - Pico Technology Ltd. TA042 Datasheet HTML 7Page - Pico Technology Ltd. TA042 Datasheet HTML 8Page - Pico Technology Ltd. TA042 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
PicoScope® 6000E Series
Product overview
The PicoScope 6000E Series fixed-resolution and FlexRes oscilloscopes provide 8 to 12 bits of vertical resolution, with up to 1 GHz bandwidth and 5 GS/s sampling rate. Models
with four or eight analog channels have the timing and amplitude resolution you need to reveal critical signal integrity issues such as timing errors, glitches, dropouts, crosstalk and
metastability issues.
Typical applications
These oscilloscopes are ideal for design engineers working with high-performance embedded systems, signal processing, power electronics, mechatronics and automotive designs,
and for researchers and scientists working on multi-channel high-performance experiments in physics labs, particle accelerators and similar facilities.
Best-in-class bandwidth, sampling rate and memory depth
Capture time in PicoScope 6 at maximum sampling rate: 200 ms at 5 GS/s
With up to 1 GHz analog bandwidth
complemented by a real-time sampling rate of
5 GS/s, the PicoScope 6000E Series scopes
can display single-shot pulses with 200 ps time
resolution.
The PicoScope 6000E Series gives you the
deepest capture memory available as standard on
any oscilloscope – up to 4 GS in total.
This ultra-deep memory allows the oscilloscope
to capture 200 ms waveforms at its maximum
sampling rate of 5 GS/s.
Custom applications using PicoSDK can allocate
the scope’s whole memory to a single waveform
and sustain the maximum 5 GS/s sampling rate
for even longer captures, up to an incredible
800 ms.
The SuperSpeed USB 3.0 interface and hardware
acceleration ensure that the display is smooth
and responsive even with long captures.
The PicoScope 6000E Series gives you the
waveform memory, resolution and analysis tools
that you need to perform stringent testing of
today’s high-performance embedded computers
and next-generation embedded system designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com