Electronic Components Datasheet Search
  English  ▼

X  

BLV57 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 2Page - NXP Semiconductors BLV57 Datasheet HTML 3Page - NXP Semiconductors BLV57 Datasheet HTML 4Page - NXP Semiconductors BLV57 Datasheet HTML 5Page - NXP Semiconductors BLV57 Datasheet HTML 6Page - NXP Semiconductors BLV57 Datasheet HTML 7Page - NXP Semiconductors BLV57 Datasheet HTML 8Page - NXP Semiconductors BLV57 Datasheet HTML 9Page - NXP Semiconductors BLV57 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1998 Feb 09
6
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
CHARACTERISTICS apply to either transistor section unless otherwise specified
Tj =25°C
Notes
1. Measured under pulse conditions: tp ≤ 300 µs; δ≤ 0,02.
2. Measured under pulse conditions: tp ≤ 50 µs; δ≤ 0,01.
The graphs apply to either transistor section.
Collector-emitter breakdown voltage
VBE = 0; IC = 10 mA
V(BR)CES
〉
50 V
open base; IC = 25 mA
V(BR)CEO
〉
27 V
Emitter-base breakdown voltage
open collector; IE = 5 mA
V(BR)EBO
〉
3,5 V
Collector cut-off current
VBE = 0; VCE = 27 V
ICES
〈
10 mA
Second breakdown energy; L = 25 mH; f = 50 Hz
open base
ESBO
〉
2mJ
RBE =10 Ω
ESBR
〉
2mJ
D.C. current gain(1)
〉
typ.
15
40
IC = 0,85 A; VCE = 25 V
hFE
D.C. current gain ratio of transistor sections
IC = 0,85 A; VCE = 25 V
0,67 to 1,5
Collector-emitter saturation voltage(1)
IC = 1,7 A; IB = 0,17 A
VCEsat
typ.
0,75 V
Transition frequency at f = 100 MHz(2)
−IE = 0,85 A; VCB = 25 V
fT
typ.
2,5 GHz
−I
E = 1,7 A; VCB = 25 V
fT
typ.
2,5 GHz
Collector capacitance at f = 1 MHz
typ.
〈
24
30
pF
pF
IE =Ie = 0; VCB = 25 V
Cc
Feedback capacitance at f = 1 MHz
IC = 50 mA; VCE = 25 V
Cre
typ.
15 pF
Collector-flange capacitance
Ccf
typ.
2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com