Electronic Components Datasheet Search
  English  ▼

X  

BLV57 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 16Page - NXP Semiconductors BLV57 Datasheet HTML 17Page - NXP Semiconductors BLV57 Datasheet HTML 18Page - NXP Semiconductors BLV57 Datasheet HTML 19Page - NXP Semiconductors BLV57 Datasheet HTML 20Page - NXP Semiconductors BLV57 Datasheet HTML 21Page - NXP Semiconductors BLV57 Datasheet HTML 22Page - NXP Semiconductors BLV57 Datasheet HTML 23Page - NXP Semiconductors BLV57 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
1998 Feb 09
20
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
Fig.21 Load impedance (series components).
handbook, halfpage
400
650
900
15
5
0
10
MGP377
f (MHz)
RL, XL
(
Ω)
XL
RL
Conditions for Figs 20; 21 and 22:
The graphs apply to either transistor section assuming class-AB push-pull operation.
Typical values; VCE = 25 V; IC(ZS) = 0,1 A; PL = 17,5 W (P.E.P); Th =70 °C.
Fig.22
handbook, halfpage
400
650
900
15
5
0
10
MGP378
f (MHz)
Gp
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com