Electronic Components Datasheet Search
  English  ▼

X  

BLV57 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 5Page - NXP Semiconductors BLV57 Datasheet HTML 6Page - NXP Semiconductors BLV57 Datasheet HTML 7Page - NXP Semiconductors BLV57 Datasheet HTML 8Page - NXP Semiconductors BLV57 Datasheet HTML 9Page - NXP Semiconductors BLV57 Datasheet HTML 10Page - NXP Semiconductors BLV57 Datasheet HTML 11Page - NXP Semiconductors BLV57 Datasheet HTML 12Page - NXP Semiconductors BLV57 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1998 Feb 09
9
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
APPLICATION INFORMATION
R.F. performance in u.h.f. class-A operation (linear push-pull power amplifier)
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
fvision (MHz)
VCE (V)
IC1 =IC2 (A)
Th (°C)
dim (1) (dB)
Po sync (1) (W)
Gp (dB)
860
25
0,85
70
−60
〉
6
〉
8,0
70
−60
typ.
7,5
typ.
8,5
70
−55
typ.
10
typ.
8,5
25
−55
typ.
12
typ.
9,0
Fig.9 Class-A test circuit at fvision = 860 MHz.
T.U.T.
C11
C8
L5
C15
C17
C18
L9
C14
C5
C2
C3
L10
L6
L7
L3
L4
L1
L2
C9
C13
C16
C19
R1
C22
C23
C20
C21
C6
50
Ω
50
Ω
MGP365
C12
C10
C7
L11
L13
L14
L12
+VCC1
+VBB1
+VBB2
+VCC2
C4
C1
L8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com