Electronic Components Datasheet Search
  English  ▼

X  

BLV57 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 14Page - NXP Semiconductors BLV57 Datasheet HTML 15Page - NXP Semiconductors BLV57 Datasheet HTML 16Page - NXP Semiconductors BLV57 Datasheet HTML 17Page - NXP Semiconductors BLV57 Datasheet HTML 18Page - NXP Semiconductors BLV57 Datasheet HTML 19Page - NXP Semiconductors BLV57 Datasheet HTML 20Page - NXP Semiconductors BLV57 Datasheet HTML 21Page - NXP Semiconductors BLV57 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1998 Feb 09
18
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
Fig.18 Typical values; VCE = 25 V; IC(ZS) =2 × 0,1 A; fvision = 860 MHz.
handbook, halfpage
05
10
60
20
0
40
MGP374
PS (W)
PL
(W)
Th = 25 °C
70
°C
Fig.19 Typical values; VCE = 25 V; IC(ZS) =2 × 0,1 A; −−− Th =25 °C;  Th =70°C; fvision = 860 MHz.
handbook, halfpage
020
40
7.5
2.5
0
5
75
25
0
50
MGP375
PL (W)
Gp
(dB)
η
(%)
Gp
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com