Electronic Components Datasheet Search
  English  ▼

X  

BLV57 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button BLV57 Datasheet HTML 15Page - NXP Semiconductors BLV57 Datasheet HTML 16Page - NXP Semiconductors BLV57 Datasheet HTML 17Page - NXP Semiconductors BLV57 Datasheet HTML 18Page - NXP Semiconductors BLV57 Datasheet HTML 19Page - NXP Semiconductors BLV57 Datasheet HTML 20Page - NXP Semiconductors BLV57 Datasheet HTML 21Page - NXP Semiconductors BLV57 Datasheet HTML 22Page - NXP Semiconductors BLV57 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
1998 Feb 09
19
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
Ruggedness in class-AB operation
The BLV57 is capable of withstanding a load mismatch (VSWR
≤ 2 through all phases) up to 30 W (r.m.s. value) or
(VSWR
≤ 50 through all phases) up to 19 W under the following conditions:
VCE = 25 V; Th =70 °C; f = 860 MHz; Rth mb-h = 0,25 K/W.
Fig.20 Input impedance (series components).
handbook, halfpage
400
650
900
6
2
0
4
MGP376
f (MHz)
xi
ri
ri, xi
(
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com