Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 5 Page - Analog Devices

  AD8352 Datasheet HTML 1Page - Analog Devices AD8352 Datasheet HTML 2Page - Analog Devices AD8352 Datasheet HTML 3Page - Analog Devices AD8352 Datasheet HTML 4Page - Analog Devices AD8352 Datasheet HTML 5Page - Analog Devices AD8352 Datasheet HTML 6Page - Analog Devices AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8352
Rev. 0| Page 5 of 20
VS = 5 V, RL = 200 Ω differential, RG = 118 Ω (AV = 10 dB), VOUT = 2 V p-p composite, T = 25°C; parameters specified differentially, unless
otherwise noted. CD and RD are selected for differential broadband operation (see Table 6 and Table 7). See the Applications section for
single-ended to differential performance characteristics.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
190 MHz
Second/Third Harmonic Distortion1
RL = 1 kΩ, VOUT = 2 V p-p
−82/−85
dBc
RL = 200 Ω, VOUT = 2 V p-p
−81/−87
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 180.5 MHz, f2 = 190.5 MHz
+39
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 180.5 MHz, f2 = 190.5 MHz, VOUT = 2 V p-p composite
−83
dBc
RL = 200 Ω, f1 = 180.5 MHz, f2 = 190.5 MHz, VOUT = 2 V p-p composite
−81
dBc
Noise Spectral Density (RTI)
+2.7
nV/√Hz
1 dB Compression Point (RTO)
+15.4
dBm
240 MHz
Second/Third Harmonic Distortion1
RL = 1 kΩ, VOUT = 2 V p-p
−82/−76
dBc
RL = 200 Ω, VOUT = 2 V p-p
−80/−73
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 239.5 MHz, f2 = 240.5 MHz
+36
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 239.5 MHz, f2 = 240.5 MHz, VOUT = 2 V p-p composite
−85
dBc
RL = 200 Ω, f1 = 239.5 MHz, f2 = 240.5 MHz, VOUT = 2 V p-p composite
−77
dBc
Noise Spectral Density (RTI)
+2.7
nV/√Hz
1 dB Compression Point (RTO)
+15.3
dBm
380 MHz
Second/Third Harmonic Distortion
RL = 1 kΩ, VOUT = 2 V p-p
−72/−68
dBc
RL = 200 Ω, VOUT = 2 V p-p
−74/−69
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 379.5 MHz, f2 = 380.5 MHz
+33
dBm
Third-Order IMD
RL = 1 kΩ, f1 = 379.5 MHz, f2 = 380.5 MHz, VOUT = 2 V p-p composite
−74
dBc
RL = 200 Ω, f1 = 379.5 MHz, f2 = 380.5 MHz, VOUT = 2 V p-p composite
−70
dBc
Noise Spectral Density (RTI)
+2.7
nV/√Hz
1 dB Compression Point (RTO)
+14.6
dBm
500 MHz
Second/Third Harmonic Distortion2
RL = 200 Ω, VOUT = 2 V p-p
−71/−64
dBc
Output Third-Order Intercept
RL = 200 Ω, f1 = 499.5 MHz, f2 = 500.5 MHz
+28
dBm
Third-Order IMD
RL = 200 Ω, f1 = 499.5 MHz, f2 = 500.5 MHz, VOUT = 2 V p-p composite
−61
dBc
Noise Spectral Density (RTI)
+2.7
nV/√Hz
1 dB Compression Point (RTO)
+13.9
dBm
1 When using the evaluation board at frequencies below 50 MHz, replace the Output Balun T1 with a transformer such as Mini-Circuits ADT1-1WT to obtain the low
frequency balance required for differential HD2 cancellation.
2 CD and RD can be optimized for broadband operation below 180 MHz. For operation above 300 MHz, CD and RD components are not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com