Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8352 Datasheet HTML 4Page - Analog Devices AD8352 Datasheet HTML 5Page - Analog Devices AD8352 Datasheet HTML 6Page - Analog Devices AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8352
Rev. 0| Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
10
10k
25
–5
100
1k
20
15
10
5
0
RG =43Ω
RG = 100Ω
RG = 520Ω
FREQUENCY (MHz)
10
10k
30
–5
100
1k
25
20
15
10
5
0
RG =20Ω
RG = 100Ω
RG = 182Ω
RG = 383Ω
RG = 715Ω
Figure 4. Gain vs. Frequency for a 200 Ω Differential Load with Baluns,
AV = 18 dB, 12 dB, and 6 dB
Figure 7. Gain vs. Frequency for a 1 kΩ Differential Load Without Baluns,
RD/CD Open, AV = 25 dB, 14 dB, 10 dB, 6 dB, and 3 dB
FREQUENCY (MHz)
10
10k
25
–5
100
1k
20
15
10
5
0
RG =62Ω
RG = 190Ω
RG =3kΩ
FREQUENCY (MHz)
10
10k
13.0
8.0
100
1k
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
11.0
6.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
–40°C
+85°C
+25°C
–40°C
+85°C
+25°C
RL =1kΩ
RG =182Ω
TC = 0.002dB/°C
RL = 200Ω
RG = 118Ω
TC = 0.004dBc
Figure 5. Gain vs. Frequency for a 1 kΩ Differential Load with Baluns,
AV = 18 dB, 12 dB, and 6 dB
Figure 8. Gain vs. Frequency over Temperature (−40°C, +25°C, +85°C)
Without Baluns, AV = 10 dB, RL = 200 Ω and 1 kΩ
50
10
0
500
FREQUENCY (MHz)
45
40
35
30
25
20
15
50
100
150
200
250
300
350
400
450
AV =6dB
AV = 10dB
AV = 15dB
FREQUENCY (MHz)
10
10k
25
–5
100
1k
20
15
10
5
0
RG =19Ω
RG =64Ω
RG = 118Ω
RG = 232Ω
RG = 392Ω
Figure 9. OIP3 vs. Frequency in dB, 2 V p-p Composite, RL = 200 Ω
AV = 15 dB, 10 dB, and 6 dB
Figure 6. Gain vs. Frequency for a 200 Ω Differential Load Without Baluns,
RD/CD Open, AV = 22 dB, 14 dB, 10 dB, 6 dB, and 3 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com