Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8352 Datasheet HTML 6Page - Analog Devices AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8352
Rev. 0| Page 10 of 20
1.5
–1.5
TIME (nsec)
03.0
1.0
0.5
0
–0.5
–1.0
0.5
1.0
1.5
2.0
2.5
TRISE (10/90) = 215psec
TFALL (10/90) = 210psec
FREQUENCY (MHz)
0
500
5.0
1.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
17.0
13.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
50
100
150
200
250
300
350
400
450
TIME (nsec)
Figure 16 Large Signal Output Transient Response, RL = 200 Ω, AV = 10 dB
5
–5
04.0
FREQUENCY (MHz)
Figure 18. Noise Figure and Noise Spectral Density RTI vs. Frequency,
AV = 10 dB, RL = 200 Ω and 1 kΩ
4
3
2
1
0
–1
–2
–3
–4
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
1000
80
10
70
60
50
40
30
20
RL = 200Ω
RL =1kΩ
100
Figure 19. CMRR vs. Frequency, RL = 200 Ω and 1 kΩ,
Differential Source Resistance
Figure 17. 1% Settling Time for a 2 V p-p Step Response,
AV = 10 dB, RL = 200 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com