Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8352 Datasheet HTML 5Page - Analog Devices AD8352 Datasheet HTML 6Page - Analog Devices AD8352 Datasheet HTML 7Page - Analog Devices AD8352 Datasheet HTML 8Page - Analog Devices AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8352
Rev. 0| Page 9 of 20
–60
–90
FREQUENCY (MHz)
–65
–70
–75
–80
–85
220
260
300
340
380
420
460
500
> 300MHz NO CD OR RD USED
HD3
2V p-p
HD2
2V p-p
HD3
1V p-p
FREQUENCY (MHz)
0
1000
0.6
0.5
0.4
0.3
0.2
0.1
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
500
600
700
800
900
Figure 10. Third-Order Harmonic Distortion HD3 vs. Frequency,
AV = 10 dB, RL = 200 Ω
Figure 13. Phase and Group Delay vs. Frequency, AV = 10 dB, RL = 200 Ω
–60
–110
0
500
FREQUENCY (MHz)
–65
–70
–75
–80
–85
–90
–95
–100
–105
50
100
150
200
250
300
350
400
450
HD3
HD2
3500
0
10
1000
FREQUENCY (MHz)
100
3000
2500
2000
1500
1000
500
7
0
6
5
4
3
2
1
Figure 11. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 200 Ω,
AV = 10 dB, RG = 115 Ω, RD = 4.3 kΩ, CD = 0.2 pF
Figure 14. S11 Magnitude and Phase
–50
–110
0
400
FREQUENCY (MHz)
–60
–70
–80
–90
–100
50
100
150
200
250
300
350
HD2
HD3
120
100
10
1000
FREQUENCY (MHz)
100
118
116
114
112
110
108
106
104
102
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 12. Harmonic Distortion vs. Frequency for 2 V p-p into RL =1 kΩ,
AV = 10 dB, 5 V Supply, RG = 180 Ω, RD = 6.8 kΩ, CD = 0.1 pF
Figure 15. S22 Magnitude and Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com