Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices AD8352 Datasheet HTML 18Page - Analog Devices AD8352 Datasheet HTML 19Page - Analog Devices AD8352 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8352
Rev. 0 | Page 17 of 20
EVALUATION BOARD LOADING SCHEMES
The AD8352 evaluation board is characterized with two load
configurations representing the most common ADC input
resistance. The loads chosen are 200 Ω and 1000 Ω using a
broadband resistive match. The loading can be changed via R8,
R9, and R12 giving the flexibility to characterize the AD8352
evaluation board for the load in any given application. These
loads are inherently lossy and thus must be accounted for in
overall gain/loss for the entire evaluation board. Measure the
gain of the AD8352 with an oscilloscope using the following
procedure to determine the actual gain:
1.
Measure the peak-to-peak voltage at the input node
(C2 or C3), and
2.
Measure the peak-to-peak voltage at the output node
(C4 or C5), then
3.
Compute gain using the formula
Gain = 20log VOUT/VIN
Table 11. Values Used for 200 Ω and 1000 Ω Loads
Component
200 Ω Load
1000 Ω Load
R8
86.6
487
R9
57.6
51.1
R12
86.6
487



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com