Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices AD8352 Datasheet HTML 18Page - Analog Devices AD8352 Datasheet HTML 19Page - Analog Devices AD8352 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8352
Rev. 0| Page 16 of 20
EVALUATION BOARD
An evaluation board is available for experimentation of various parameters such as gain, common-mode level, and distortion. The output
network can be configured for different loads via minor output component changes. The schematic and evaluation board artwork are
presented in Figure 36, Figure 37, and Figure 38. All discrete capacitors and resistors are Size 0402, except for C1 (3528-B).
Table 10. Evaluation Board Circuit Components and Functions
Component
Name
Function
Additional
Information
Pin 8 and Pin 13
VCC
Supply VCC = +5 V.
Pin 6, Pin 7,
Pin 9, Pin 12
GND
Connect to Low Impedance GND.
Pin 14, C9
VCM, Capacitor
Common-Mode Offset Pin. Allows for monitoring or adjustment of the
output common-mode voltage. C9 is a bypass capacitor.
C9 = 0.1 μF
RD/CD
Distortion
Tuning
Components
Distortion Adjustment Components. Allows for third-order distortion
adjustment HD3.
Typically, both are open
above 300 MHz
CD = 0.2 pF, RD = 4.32 kΩ
CD is Panasonic High Q
(microwave) Multilayer
Chip 402 capacitor
Pin 15, C8
ENB, Capacitor
Enable. Apply positive voltage (1.3 V < ENB < VCC) to activate device. Pull
down to disable. Can be bypassed and float high (1.8 V) for on state. C8 is
a bypass capacitor.
Floats to 1.8 V to
maintain device in
power-up mode
C8 = 0.1 μF
R1, R2, R3, R4,
R5, R6, T2, C2,
C3
Resistors,
Transformer,
Capacitors
Input Interface. R1 and R4 ground one side of the differential drive
interface for single-ended applications. T2 is a 1-to-1 impedance ratio
balun to transform a single-ended input into a balanced differential
signal. R2 and R3 provide a differential 50 Ω input termination. R5 and R6
can be increased to reduce gain peaking when driving from a high source
impedance. The 50 Ω termination provides an insertion loss of 6 dB. C2
and C3 provide ac-coupling.
T2 = Macom
™ ETC1-1-13
R1 = open, R2 = 25 Ω,
R3 = 25 Ω, R4 = 0 Ω,
R5 = 0 Ω, R6 = 0 Ω,
C2 = 0.1 μF, C3 = 0.1 μF
R7, R8, R9, R11,
R12, R13, R14,
T1, C4, C5
Resistors,
Transformer,
Capacitors
Output Interface. R13 and R14 ground one side of the differential output
interface for single-ended applications. T1 is a 1-to-1 impedance ratio
balun to transform a balanced differential signal to a single-ended signal.
R8, R9, and R12 are provided for generic placement of matching
components. R7 and R11 allow additional output series resistance when
driving capacitive loads. The evaluation board is configured to provide a
150 Ω to 50 Ω impedance transformation with an insertion loss of 11.6 dB.
C4 and C5 provide ac-coupling. R7 and R11 provide additional series
resistance when driving capacitive loads.
T1= Macom ETC1-1-13
R7 = 0 Ω, R8 = 86.6 Ω,
R9 = 57.6 Ω,
R11 = 0 Ω, R12 = 86.6 Ω,
R13 = 0 Ω, R14 = open
C4 = 0.1 μF, C5 = 0.1 μF
RG
Resistor
Gain Setting Resistor. Resistor RG is used to set the gain of the device.
Refer to Table 6 and Table 7 when selecting the gain resistor.
RG = 115 Ω (Size 0402)
for a gain of 10 dB
C1, C6, C7
Capacitors
Power Supply Decoupling. The supply decoupling consists of a 10 μF
capacitor to ground. C6 and C7 are bypass capacitors.
C1 = 10 μF
C6, C7 = 0.1 μF
Pin 14
VCM
Common-Mode Offset Adjustment. Use Pin 14 to trim common-mode
input/output levels. By applying a voltage to Pin 14, the input and output,
common-mode voltage can be directly adjusted.
Typically decoupled to
ground using a 0.1 μF
capacitor with
ac-coupled
input/output ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com