Electronic Components Datasheet Search
  English  ▼

X  

BLW83 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW83
Description  HF/VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW83 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW83 Datasheet HTML 3Page - NXP Semiconductors BLW83 Datasheet HTML 4Page - NXP Semiconductors BLW83 Datasheet HTML 5Page - NXP Semiconductors BLW83 Datasheet HTML 6Page - NXP Semiconductors BLW83 Datasheet HTML 7Page - NXP Semiconductors BLW83 Datasheet HTML 8Page - NXP Semiconductors BLW83 Datasheet HTML 9Page - NXP Semiconductors BLW83 Datasheet HTML 10Page - NXP Semiconductors BLW83 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
August 1986
7
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW83
List of components in Fig.8:
C1
=
C2 = 10 to 780 pF film dielectric trimmer
C3
=
22 nF ceramic capacitor (63 V)
C4
=
47
µF/10 V electrolytic capacitor
C5
=
56 pF ceramic capacitor (500 V)
C6
=
47
µF/35 V electrolytic capacitor
C7
=
C8 = 220 nF polyester capacitor
C9
=
10
µF/35 V electrolytic capacitor
C10 =
C11 = 7 to 100 pF film dielectric trimmer
C12 =
82 pF ceramic capacitor (500 V)
L1
=
3 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 9,0 mm; leads to 2
× 5 mm
L2
=
L3 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L4
=
11 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 11,0 mm
L5
=
14 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 11,0 mm
R1
=
600
Ω; parallel connection of 2 × 1,2 kΩ carbon resistors (±5%; 0,5 W each)
R2
=
15
Ω carbon resistor (±5%; 0,25 W)
R3
=
1,2
Ω; parallel connection of 4 × 4,7 Ω carbon resistors (±5%; 0,125 W each)
R4
=
33
Ω carbon resistor (±5%; 0,25 W)
R5
=
18
Ω carbon resistor (±5%; 0,25 W)
R6
=
120
Ω wirewound resistor (±5%; 5,5 W)
R7
=
1
Ω carbon resistor (±5%; 0,125 W)
R8
=
47
Ω wirewound potentiometer (3 W)
R9
=
1,57
Ω; parallel connection of 3 × 4,7 Ω wirewound resistors ( 5%; 5,5 W each)
Fig.9
Intermodulation distortion as a function of output power.
Typical values; VCE = 26 V; —— Th =70 °C; − − − Th = 25 °C.
handbook, halfpage
0
5
10
15
−20
−60
−40
MGP593
d3
(dB)
P.E.P. (W)
IC = 0.8 A 1 A 1.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com