Electronic Components Datasheet Search
  English  ▼

X  

BLW83 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW83
Description  HF/VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW83 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW83 Datasheet HTML 3Page - NXP Semiconductors BLW83 Datasheet HTML 4Page - NXP Semiconductors BLW83 Datasheet HTML 5Page - NXP Semiconductors BLW83 Datasheet HTML 6Page - NXP Semiconductors BLW83 Datasheet HTML 7Page - NXP Semiconductors BLW83 Datasheet HTML 8Page - NXP Semiconductors BLW83 Datasheet HTML 9Page - NXP Semiconductors BLW83 Datasheet HTML 10Page - NXP Semiconductors BLW83 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
August 1986
9
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW83
Fig.11 Intermodulation distortion as a function of
output power.(1)
handbook, halfpage
020
40
−20
−40
−50
−30
MGP595
d3, d5
(dB)
d3
d5
P.E.P. (W)
Th =
90
°C
70
°C
50
°C
25
°C
Th =
90
°C
70
°C
50
°C
25
°C
VCE = 28 V; IC(ZS) = 25 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; typical values
Fig.12 Double-tone efficiency and power gain as a
function of output power.
VCE = 28 V; IC(ZS) = 25 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C; typical values
handbook, halfpage
020
40
60
20
0
40
30
10
0
20
MGP596
ηdt
(%)
Gp
(dB)
Gp
ηdt
P.E.P. (W)
Figs 13 and 14 are typical curves and hold for an
unneutralized amplifier in s.s.b. class-AB operation.
Fig.13 Power gain as a function of frequency.
handbook, halfpage
MGP597
30
40
20
10
0
110
102
Gp
(dB)
f (MHz)
VCE = 28 V; IC(ZS) = 25 mA; PL = 30 W; Th = 25 °C; ZL = 9,5 Ω
Ruggedness in s.s.b. operation
The BLW83 is capable of withstanding a load mismatch
(VSWR = 50) under the following conditions:
f1 = 28,000 MHz; f2 = 28,001 MHz; VCE = 28 V; Th =70 °C
and PLnom = 35 W (P.E.P.).
Fig.14 Input impedance (series components) as a
function of frequency.
handbook, halfpage
0
MGP598
110
102
10
15
5
20
ri
(
Ω)
ri
−12.5
−7.5
−5
−10
−2.5
xi
(
Ω)
f (MHz)
xi
VCE = 28 V; IC(ZS) = 25 mA; PL = 30 W; Th = 25 °C; ZL = 9,5 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com