Electronic Components Datasheet Search
  English  ▼

X  

BLW83 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW83
Description  HF/VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW83 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW83 Datasheet HTML 3Page - NXP Semiconductors BLW83 Datasheet HTML 4Page - NXP Semiconductors BLW83 Datasheet HTML 5Page - NXP Semiconductors BLW83 Datasheet HTML 6Page - NXP Semiconductors BLW83 Datasheet HTML 7Page - NXP Semiconductors BLW83 Datasheet HTML 8Page - NXP Semiconductors BLW83 Datasheet HTML 9Page - NXP Semiconductors BLW83 Datasheet HTML 10Page - NXP Semiconductors BLW83 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
August 1986
8
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW83
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 28 V; f1 = 28,000 MHz; f2 = 28,001 MHz
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
List of components:
OUTPUT POWER
Gp
ηdt (%)
IC (A)
d3
d5
IC(ZS)
Th
W
dB
at 30 W P.E.P.
dB(1)
dB(1)
mA
°C
3 to 30 (P.E.P.)
typ. 21
typ. 40
typ. 1,34
typ.
−30
<−30
25
25
3 to 25 (P.E.P.)
typ. 21
−−
typ.
−30
<−30
25
70
C1
=
C2 = 10 to 780 pF film dielectric trimmer
C3
=
C5 = C6 = 220 nF polyester capacitor
C4
=
56 pF ceramic capacitor (500 V)
C7
=
C8 = 15 to 575 pF film dielectric trimmer
L1
=
4 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 7,0 mm; leads 2
× 5 mm
L2
=
Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L3
=
4 turns enamelled Cu wire (1,6 mm); int. dia. 10 mm; length 9,4 mm; leads 2
× 5 mm
L4
=
7 turns enamelled Cu wire (1,6 mm); int. dia. 12 mm; length 17,2 mm; leads 2
× 5 mm
R1
=
1,2
Ω; parallel connection of 4 × 4,7 Ω carbon resistors
R2
=
39
Ω carbon resistor
Fig.10 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
50
Ω
MGP594
50
Ω
L2
L1
R1
R2
L4
T.U.T.
L3
C7
C8
C4
+VCC
C5
C6
C1
C2
C3
temperature
compensated bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com