Electronic Components Datasheet Search
  English  ▼

X  

BLW83 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW83
Description  HF/VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW83 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW83 Datasheet HTML 1Page - NXP Semiconductors BLW83 Datasheet HTML 2Page - NXP Semiconductors BLW83 Datasheet HTML 3Page - NXP Semiconductors BLW83 Datasheet HTML 4Page - NXP Semiconductors BLW83 Datasheet HTML 5Page - NXP Semiconductors BLW83 Datasheet HTML 6Page - NXP Semiconductors BLW83 Datasheet HTML 7Page - NXP Semiconductors BLW83 Datasheet HTML 8Page - NXP Semiconductors BLW83 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
August 1986
2
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW83
DESCRIPTION
N-P-N silicon planar epitaxial
transistor for use in transmitting
amplifiers operating in the h.f. and
v.h.f. bands, with a nominal supply
voltage of 28 V. The transistor is
specified for s.s.b. applications as
linear amplifier in class-A and AB.
The device is resistance stabilized
and is guaranteed to withstand
severe load mismatch conditions.
Matched hFE groups are available on
request.
It has a 3/8" flange envelope with a
ceramic cap. All leads are isolated
from the flange.
QUICK REFERENCE DATA
R.F. performance
MODE OF OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
ηdt
%
IC
A
d3
dB
Th
°C
s.s.b. (class-A)
26
1,6
− 28 0 − 10 (P.E.P.)
> 20
−
1,35
<−40
70
s.s.b. (class-AB)
28
1,6
− 28 3 − 30 (P.E.P.)
typ. 21
typ. 40
typ. 1,34
typ.
−30
25
PIN CONFIGURATION
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
halfpage
1
23
4
MSB057
PINNING - SOT123
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com