Electronic Components Datasheet Search
  English  ▼

X  

BLW83 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW83
Description  HF/VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW83 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW83 Datasheet HTML 1Page - NXP Semiconductors BLW83 Datasheet HTML 2Page - NXP Semiconductors BLW83 Datasheet HTML 3Page - NXP Semiconductors BLW83 Datasheet HTML 4Page - NXP Semiconductors BLW83 Datasheet HTML 5Page - NXP Semiconductors BLW83 Datasheet HTML 6Page - NXP Semiconductors BLW83 Datasheet HTML 7Page - NXP Semiconductors BLW83 Datasheet HTML 8Page - NXP Semiconductors BLW83 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
August 1986
4
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW83
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Note
1. Measured under pulse conditions: tp ≤ 200 µs; δ≤ 0,02.
Collector-emitter breakdown voltage
VBE = 0; IC = 10 mA
V(BR)CES
>
65 V
Collector-emitter breakdown voltage
open base; IC = 50 mA
V(BR)CEO
>
36 V
Emitter-base breakdown voltage
open collector; IE = 10 mA
V(BR)EBO
>
4V
Collector cut-off current
VBE = 0; VCE = 36 V
ICES
<
4mA
Second breakdown energy; L = 25 mH; f = 50 Hz
open base
ESBO
>
8mJ
RBE =10 Ω
ESBR
>
8mJ
D.C. current gain (1)
typ.
50
IC = 1,25 A; VCE =5 V
hFE
10 to 100
D.C. current gain ratio of matched devices(1)
IC = 1,25 A; VCE =5 V
hFE1/hFE2
<
1,2
Collector-emitter saturation voltage(1)
IC = 3,75 A; IB = 0,75 A
VCEsat
typ.
1,5 V
Transition frequency at f = 100 MHz(1)
−IE = 1,25 A; VCB = 28 V
fT
typ.
530 MHz
−I
E = 3,75 A; VCB = 28 V
fT
typ.
530 MHz
Collector capacitance at f = 1 MHz
IE =Ie =0;VCB = 28 V
Cc
typ.
50 pF
Feedback capacitance at f = 1 MHz
IC = 100 mA; VCE = 28 V
Cre
typ.
31 pF
Collector-flange capacitance
Ccf
typ.
2 pF
Fig.4 Typical values; VCE = 28 V.
handbook, halfpage
012
3
1
0
2
MGP588
IC
(A)
VBE (V)
Th = 70 °C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com