Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW96
Description  HF/VHF power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW96 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW96 Datasheet HTML 2Page - NXP Semiconductors BLW96 Datasheet HTML 3Page - NXP Semiconductors BLW96 Datasheet HTML 4Page - NXP Semiconductors BLW96 Datasheet HTML 5Page - NXP Semiconductors BLW96 Datasheet HTML 6Page - NXP Semiconductors BLW96 Datasheet HTML 7Page - NXP Semiconductors BLW96 Datasheet HTML 8Page - NXP Semiconductors BLW96 Datasheet HTML 9Page - NXP Semiconductors BLW96 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
August 1986
6
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW96
APPLICATION INFORMATION
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 50 V; Th =25 °C; f1 = 28,000 MHz; f2 = 28,001 MHz
List of components:
Notes
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
2. ATC means American Technical Ceramics.
OUTPUT POWER
Gp
ηdt (%)
IC (A)
d3 (1)
d5(1)
IC(ZS)
W
dB
at 200 W (P.E.P.)
dB
dB
A
25 to 200 (P.E.P.)
> 13,5
> 40
< 5,0
<−30
< −30
0,1
C1 = C4 = C10 = C14 = 100 pF film dielectric trimmer
C2 = 27 pF ceramic capacitor (500 V)
C3 = 270 pF polysterene capacitor (630 V)
C5 = C7 = C8 = 220 nF multilayer ceramic chip capacitor
C6 = 27 pF multilayer ceramic chip capacitor (500 V; ATC(2))
C9 = 47
µF/63 V electrolytic capacitor
C11 = 2
× 36 pF multilayer ceramic chip capacitors (500 V; ATC(2)) in parallel
C12 = 2
× 43 pF multilayer ceramic chip capacitors (500 V; ATC(2)) in parallel
C13 = 43 pF multilayer ceramic chip capacitor (500 V; ATC(2))
L1 = 88 nH; 3 turns Cu wire (1,0 mm); int. dia. 9,0 mm; length 6,1 mm; leads 2
× 5 mm
L2 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L3 = 150 nH; 5 turns Cu wire (2,0 mm); int. dia. 10,0 mm; length 18,7 mm; leads 2
× 5 mm
L4 = 197 nH; 5 turns Cu wire (2,0 mm); int. dia. 12,0 mm; length 18,6 mm; leads 2
× 5 mm
R1 = 0,66
Ω; parallel connection of 5 × 3,3 Ω metal film resistors (PR37; ± 5%; 1,6 W each)
R2 = 27
Ω carbon resistor (± 5%; 0,5 W)
Fig.8 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
50
Ω
MGP691
C9
C5
C8
C7
L2
L1
R1
R2
L4
T.U.T.
L3
C11
C14
temperature
compensated bias
(Ri < 0.1 Ω)
C10
C2
C1
C4
C6
C3
+VCC
C12
C13
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com