Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW96
Description  HF/VHF power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW96 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW96 Datasheet HTML 4Page - NXP Semiconductors BLW96 Datasheet HTML 5Page - NXP Semiconductors BLW96 Datasheet HTML 6Page - NXP Semiconductors BLW96 Datasheet HTML 7Page - NXP Semiconductors BLW96 Datasheet HTML 8Page - NXP Semiconductors BLW96 Datasheet HTML 9Page - NXP Semiconductors BLW96 Datasheet HTML 10Page - NXP Semiconductors BLW96 Datasheet HTML 11Page - NXP Semiconductors BLW96 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
August 1986
8
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW96
Fig.11 Power gain as a function of frequency.
handbook, halfpage
30
0
MGP694
110
102
10
20
Gp
(dB)
f (MHz)
VCE = 50 V; IC(ZS) = 0,1 A; PL = 200 W (P.E.P.);
Th =25 °C; ZL =5 Ω; neutralizing capacitor: 47 pF
Fig.12 Input impedance (series components) as a
function of frequency.
andbook, halfpage
4
0
MGP695
110
102
1
2
3
ri, −xi
(
Ω)
f (MHz)
ri
−xi
−xi
ri
VCE = 50 V; IC(ZS) = 0,1 A; PL = 200 W (P.E.P.);
Th =25 °C; ZL =5 Ω; neutralizing capacitor: 47 pF
Figs 11 and 12 are typical curves and hold for one
transistor of a push-pull amplifier with cross-neutralization
in s.s.b. class-AB operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com