Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW96
Description  HF/VHF power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW96 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW96 Datasheet HTML 3Page - NXP Semiconductors BLW96 Datasheet HTML 4Page - NXP Semiconductors BLW96 Datasheet HTML 5Page - NXP Semiconductors BLW96 Datasheet HTML 6Page - NXP Semiconductors BLW96 Datasheet HTML 7Page - NXP Semiconductors BLW96 Datasheet HTML 8Page - NXP Semiconductors BLW96 Datasheet HTML 9Page - NXP Semiconductors BLW96 Datasheet HTML 10Page - NXP Semiconductors BLW96 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
August 1986
7
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW96
Fig.9
Intermodulation distortion as a function of
output power.(1)
handbook, halfpage
0
100
200
300
−25
d3, d5
(dB)
−45
−35
MGP692
d3
d5
P.E.P. (W)
VCE = 50 V; IC(ZS) = 0,1 A; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C; typical values.
Fig.10 Double-tone efficiency and power gain as a
function of output power.
handbook, halfpage
0
100
P.E.P. (W)
300
100
0
75
MGP693
200
50
25
20
0
15
10
5
ηdt
(%)
Gp
(dB)
ηdt
Gp
VCE = 50 V; IC(ZS) = 0,1 A; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C; typical values.
Ruggedness
The BLW96 is capable of withstanding full load mismatch
(VSWR = 50 through all phases) up to 150 W (P.E.P.) or a
load mismatch (VSWR = 5 through all phases) up to
200 W (P.E.P.) under the following conditions:
VCE = 45 V; f = 28 MHz; Th =70 °C; Rth mb-h = 0,2 K/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com