Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW96
Description  HF/VHF power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW96 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW96 Datasheet HTML 1Page - NXP Semiconductors BLW96 Datasheet HTML 2Page - NXP Semiconductors BLW96 Datasheet HTML 3Page - NXP Semiconductors BLW96 Datasheet HTML 4Page - NXP Semiconductors BLW96 Datasheet HTML 5Page - NXP Semiconductors BLW96 Datasheet HTML 6Page - NXP Semiconductors BLW96 Datasheet HTML 7Page - NXP Semiconductors BLW96 Datasheet HTML 8Page - NXP Semiconductors BLW96 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
August 1986
4
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW96
CHARACTERISTICS
Tj =25 °C
Notes
1. Measured under pulse conditions: tp ≤ 300 µs; δ≤ 0,02.
2. Measured under pulse conditions: tp ≤ 50 µs; δ≤ 0,01.
Collector-emitter breakdown voltage
VBE =0;IC =50mA
V(BR)CES
>
110 V
Collector-emitter breakdown voltage
open base; IC = 200 mA
V(BR)CEO
>
55 V
Emitter-base breakdown voltage
open collector; IE =20mA
V(BR)EBO
>
4V
Collector cut-off current
VBE =0;VCE =55V
ICES
<
10 mA
Second breakdown energy; L = 25 mH; f = 50 Hz
open base
ESBO
>
20 mJ
RBE =10 Ω
ESBR
>
20 mJ
D.C. current gain(1)
typ.
15 to
30
50
IC = 7 A; VCE =5 V
hFE
D.C. current gain ratio of matched devices(1)
IC = 7 A; VCE =5V
hFE1/hFE2
≤
1,2
Collector-emitter saturation voltage(1)
IC = 20 A; IB = 4 A
VCEsat
typ.
1,9 V
Transition frequency at f = 100 MHz(2)
−IE = 7 A; VCB = 45 V
fT
typ.
235 MHz
−IE = 20 A; VCB = 45 V
fT
typ.
245 MHz
Collector capacitance at f = 1 MHz
IE =Ie = 0; VCB =50V
Feedback capacitance at f = 1 MHz
Cc
typ.
280 pF
IC = 150 mA; VCE =50V
Cre
typ.
170 pF
Collecting-flange capacitance
Ccf
typ.
4,4 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com