Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW96
Description  HF/VHF power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW96 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW96 Datasheet HTML 5Page - NXP Semiconductors BLW96 Datasheet HTML 6Page - NXP Semiconductors BLW96 Datasheet HTML 7Page - NXP Semiconductors BLW96 Datasheet HTML 8Page - NXP Semiconductors BLW96 Datasheet HTML 9Page - NXP Semiconductors BLW96 Datasheet HTML 10Page - NXP Semiconductors BLW96 Datasheet HTML 11Page - NXP Semiconductors BLW96 Datasheet HTML 12Page - NXP Semiconductors BLW96 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
August 1986
9
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW96
R.F. performance in c.w. operation (unneutralized common-emitter class-B circuit)
Th = 25 °C
f (MHz)
VCE (V)
PL (W)
PS (W)
Gp (dB)
IC (A)
η (%)
108
50
200
typ. 45
typ. 6,5
typ. 6
typ. 67
Fig.13 VCE = 50 V; f = 108 MHz; Th =25 °C.
handbook, halfpage
0
255075
400
300
100
0
200
MGP696
PL
(W)
PS (W)
typ
Fig.14 VCE = 50 V; f = 108 MHz; Th =25 °C;
typical values.
handbook, halfpage
0
100
200
300
10
7.5
2.5
0
5
100
75
25
0
50
MGP697
Gp
(dB)
PL (W)
Gp
η
η
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com