Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW96
Description  HF/VHF power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW96 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW96 Datasheet HTML 1Page - NXP Semiconductors BLW96 Datasheet HTML 2Page - NXP Semiconductors BLW96 Datasheet HTML 3Page - NXP Semiconductors BLW96 Datasheet HTML 4Page - NXP Semiconductors BLW96 Datasheet HTML 5Page - NXP Semiconductors BLW96 Datasheet HTML 6Page - NXP Semiconductors BLW96 Datasheet HTML 7Page - NXP Semiconductors BLW96 Datasheet HTML 8Page - NXP Semiconductors BLW96 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
August 1986
2
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW96
DESCRIPTION
N-P-N silicon planar epitaxial
transistor intended for use in class-A,
AB and B operated high power
industrial and military transmitting
equipment in the h.f. and v.h.f. band.
The transistor presents excellent
performance as a linear amplifier in
s.s.b. applications. It is resistance
stabilized and is guaranteed to
withstand severe load mismatch
conditions. Transistors are supplied
in matched hFE groups.
The transistor has a 1
⁄2" flange
envelope with a ceramic cap. All
leads are isolated from the flange.
QUICK REFERENCE DATA
R.F. performance up to Th =25 °C
Note
1.
ηdt at 200 W P.E.P.
MODE OF
OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
η
%
d3
dB
d5
dB
IC(ZS)
(IC)
A
s.s.b. (class-AB)
50
1,6
− 28 25 − 200 (P.E.P.) >
13,5
>
40(1)
<−30 <−30
0,1
c.w. (class-B)
50
108
200
typ.
6,5 typ. 67
−−
(6)
s.s.b. (class-A)
40
28
50 (P.E.P.) typ.
19
−
typ.
−40 <−40
(4)
PIN CONFIGURATION
Fig.1 Simplified outline. SOT121B.
handbook, halfpage
MLA876
43
2
1
PINNING - SOT121B.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com